|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SOFTWARE M O D U LES TM CL-P C PC based TMCL interpreter for multiple module control M A IN CH A R AC T ER IS T IC S INFO TMCL-PC is a PC based version of the simple-to-use TMCL software. It allows the control of multiple modules via one PC, so that any kind of interaction between the motors and I/Os available on the different modules can be realized. This for example allows the BLDC motor modules to be inter-operated with stepper motor modules. FEATURES * executes the simple-to-use TMCL commands on a PC * can inter-operate any combination of TMCL based modules from a central computer * single stepping and debugging mode * supports all interface options using the TRINAMIC interface adapters * free download OR DE R C O DE D E S C RI P T I ON TMCL-PC PC based TMCL interpreter (free download) www.trinamic.com - for detailed information and datasheets 60 |
Price & Availability of TMCL-PC |